Part Number Hot Search : 
57719L CS8422 C3083 78D10 PLC4000 14DW1 MBR40 E6P18
Product Description
Full Text Search
 

To Download HA2-5102883 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 www..com
TM
HA-5102/883
Dual, Low Noise, High Performance Operational Amplifier
Description
Low noise and high performance are key words describing the unity gain stable HA-5102/883. This general purpose dual amplifier offers an array of dynamic specifications including 1V/s slew rate (min), AVCL 1, and 8MHz bandwidth (typ). Complementing these outstanding parameters is a very low noise specification of 4.3nV/Hz at 1kHz (typ), 6nV/Hz (max). Fabricated using the Intersil standard high frequency D.I. process, these operational amplifiers also offer excellent input specifications such as 2.5mV (max) offset voltage and 75nA (max) offset current. Complementing these specifications are 100dB (min) open loop gain and 60dB channel separation (min). Economically, the HA-5102/883 also consumes a very moderate amount of supply power 180mW/ package. This impressive combination of features make this amplifier ideally suited for designs ranging from audio amplifiers and active filters to the most demanding signal conditioning and instrumentation circuits.
July 1994
Features
* This Circuit is Processed in Accordance to MIL-STD883 and is Fully Conformant Under the Provisions of Paragraph 1.2.1. * Low Input Noise Voltage Density at 1kHz . 6nV/Hz (Max) 4.3nV/Hz (Typ) * High Slew Rate . . . . . . . . . . . . . . . . . . . . . . . .1V/s (Min) 3V/s (Typ) * Unity Gain Bandwidth . . . . . . . . . . . . . . . . . 8MHz (Typ) * High Open Loop Gain (Full Temp) . . . . . 100kV/V (Min) 250kV/V (Typ) * High CMRR, PSRR (Full Temp). . . . . . . . . . . 86dB (Min) 100dB (Typ) * Low Offset Voltage Drift . . . . . . . . . . . . . . 3V/oC (Typ) * No Crossover Distortion * Standard Dual Pinout
Applications
* High Quality Audio Preamplifiers * High Q Active Filters * Low Noise Function Generators * Low Distortion Oscillators * Low Noise Comparators
Ordering Information
PART NUMBER HA2-5102/883 HA4-5102/883 HA7-5102/883 TEMPERATURE RANGE -55oC
o oC
PACKAGE 8 Pin Can 20 Lead Ceramic LCC 8 Lead CerDIP
to
+125oC
o
-55 C to +125 C -55 to +125oC
Pinouts
HA-5102/883 (CERDIP) TOP VIEW HA-5102/883 (CLCC) TOP VIEW
OUT 1
HA-5102/883 (METAL CAN) TOP VIEW
V+
NC
NC
1 2 3 4 + 1 2 +
8 V+ 7 OUT2 6 -IN2 5 +IN2 NC -IN1 NC +IN1 NC 4 5 6 7 8
V+
OUT1 -IN1 +IN1 V-
NC
8 OUT1 18 NC -IN1 2 1 1 -+ 2 +6 -IN2 7 OUT2
3 1
2 -+
1 20 19
2
17 OUT2 +16 NC 15 -IN2 14 NC
+IN1
3 4 V-
5
+IN2
9 NC
10 11 12 13 V+IN2 NC NC
CAUTION: These devices are sensitive to electrostatic discharge; follow proper IC Handling Procedures. 1-888-INTERSIL or 321-724-7143 | Intersil (and design) is a trademark of Intersil Americas Inc. Copyright (c) Intersil Americas Inc. 2002. All Rights Reserved
Spec Number
109
511019-883 FN3709
www..com
Specifications HA-5102/883
Thermal Information
JC Thermal Resistance JA CerDIP Package . . . . . . . . . . . . . . . . . . . 115oC/W 28oC/W Ceramic LCC Package . . . . . . . . . . . . . . 65oC/W 15oC/W o Metal Can Package . . . . . . . . . . . . . . . . . 155 C/W 67oC/W Package Power Dissipation Limit at +75oC for TJ +175oC CerDIP Package . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 870mW Ceramic LCC Package . . . . . . . . . . . . . . . . . . . . . . . . . . . . 1.54W Metal Can Package . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 645mW Package Power Dissipation Derating Factor Above +75oC CerDIP Package . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 8.7mW/oC Ceramic LCC Package . . . . . . . . . . . . . . . . . . . . . . . . 15.4mW/oC Metal Can Package . . . . . . . . . . . . . . . . . . . . . . . . . . . . 6.5mW/oC
Absolute Maximum Ratings
Voltage Between V+ and V- Terminals . . . . . . . . . . . . . . . . . . . 40V Differential Input Voltage . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 7V Voltage at Either Input Terminal . . . . . . . . . . . . . . . . . . . . . . V+ to VPeak Output Current . . . . . . . . . . . . . . . . . . . . . . . . . . . . . Indefinite (One Amplifier Shorted to Ground) Junction Temperature (TJ) . . . . . . . . . . . . . . . . . . . . . . . . . . +175oC Storage Temperature Range . . . . . . . . . . . . . . . . . -65oC to +150oC ESD Rating. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . <2000V Lead Temperature (Soldering 10s). . . . . . . . . . . . . . . . . . . . +300oC
CAUTION: Stresses above those listed in "Absolute Maximum Ratings" may cause permanent damage to the device. This is a stress only rating and operation of the device at these or any other conditions above those indicated in the operational sections of this specification is not implied.
Operating Conditions
Operating Temperature Range. . . . . . . . . . . . . . . . -55oC to +125oC Operating Supply Voltage . . . . . . . . . . . . . . . . . . . . . . . . . . 5V to 15V VINCM 1/2 (V+ - V-) RL 2k
TABLE 1. DC ELECTRICAL PERFORMANCE CHARACTERISTICS Device Tested at: VSUPPLY = 15V, RSOURCE = 100, RLOAD = 500k, VOUT = 0V, Unless Otherwise Specified. GROUP A SUBGROUPS 1 2, 3 Input Bias Current +IB VCM = 0V, +RS = 10k, -RS = 100 VCM = 0V, +RS = 100, -RS = 10k VCM = 0V, +RS = 10k, -RS = 10k V+ = +3V, V- = -27V 1 2, 3 1 2, 3 1 2, 3 1 2, 3 -CMR V+ = +27V, V- = -3V 1 2, 3 Large Signal Voltage Gain +AVOL VOUT = 0V and +10V, RL = 2k VOUT = 0V and -10V, RL = 2k VCM = +5V, V+ = +10V, V- = -20V, VOUT = -5V VCM = -5V, V+ = +20V, V- = -10V, VOUT = +5V 4 5, 6 4 5, 6 1 2, 3 1 2, 3 LIMITS TEMPERATURE +25 C +125oC, -55oC
o
PARAMETERS Input Offset Voltage
SYMBOL VIO
CONDITIONS VCM = 0V
MIN -2.0 -2.5 -200
MAX 2.0 2.5 200 325 200 325 75 125 -12 -12 -
UNITS mV mV nA nA nA nA nA nA V V V V kV/V kV/V kV/V kV/V dB dB dB dB
+25oC +125 C, -55 C +25oC +125 C, -55 C +25oC +125 C, -55 C +25oC +125 C, -55 C +25
oC o o o o o o o o
-325 -200 -325 -75 -125 +12 +12 100
-IB
Input Offset Current
IIO
Common Mode Range
+CMR
+125oC,
o
-55oC
+25 C +125o C, -55 C
oC o o
100 100 100 86 86 86 86
-AVOL
+25
o
+125 C, -55 C +25o +125oC, C -55oC
Common Mode Rejection Ratio
+CMRR
-CMRR
+25oC +125oC, -55oC
Spec Number 110
511019-883
www..com
Specifications HA-5102/883
TABLE 1. DC ELECTRICAL PERFORMANCE CHARACTERISTICS (Continued)
Device Tested at: VSUPPLY = 15V, RSOURCE = 100, RLOAD = 500k, VOUT = 0V, Unless Otherwise Specified. GROUP A SUBGROUPS 1 2, 3 -VOUT1 RL = 2k 1 2, 3 +VOUT2 RL = 10k 1 2, 3 -VOUT2 RL = 10k 1 2, 3 Output Current +IOUT VOUT = -5V 1 2, 3 -IOUT VOUT = +5V 1 2, 3 Quiescent Power Supply Current +ICC VOUT = 0V, IOUT = 0mA 1 2, 3 -ICC VOUT = 0V, IOUT = 0mA 1 2, 3 Power Supply Rejection Ratio +PSRR VSUP = 10V, V+ = +10V, V- = -15V V+ = +20V, V- = -15V VSUP = 10V, V+ = +15V, V- = -10V V+ = +15V, V- = -20V 1 2, 3 1 2, 3 LIMITS TEMPERATURE +25oC +125o C, -55 C
o o
PARAMETERS Output Voltage Swing
SYMBOL +VOUT1
CONDITIONS RL = 2k
MIN 10 10 12
MAX -10 -10 -12 -12 -10 -10 5.0 6.0 -
UNITS V V V V V V V V mA mA mA mA mA mA mA mA dB dB dB dB
+25 C +125oC,
o
-55oC
+25 C +125 C, -55 C +25oC +125o C, -55 C
o o o o
12 10 10 -
+25 C +125oC, -55oC
+25oC +125 C, -55 C +25oC +125oC,
o o o
-5.0 -6.0 86
-55oC
+25 C +125oC, -55oC
+25oC +125 C, -55 C +25oC +125 C, -55 C
o o o o
86 86 86
-PSRR
TABLE 2. AC ELECTRICAL PERFORMANCE CHARACTERISTICS Device Tested at: VSUPPLY = 15V, RSOURCE = 50 , RLOAD = 2k, CLOAD = 50pF, AVCL = +1V/V, Unless Otherwise Specified. GROUP A SUBGROUPS 4 4 4 4 4 4 LIMITS TEMPERATURE +25oC +25oC +25oC +25oC +25oC +25oC MIN 1 1 MAX 200 200 35 35 UNITS V/s V/s ns ns % %
PARAMETERS Slew Rate
SYMBOL +SR -SR
CONDITIONS VOUT = -3V to +3V VOUT = +3V to -3V VOUT = 0 to +200mV 10% TR 90% VOUT = 0 to -200mV 10% TF 90% VOUT = 0 to +200mV VOUT = 0 to -200mV
Rise and Fall Time
TR TF
Overshoot
+OS -OS
Spec Number 111
511019-883
www..com
Specifications HA-5102/883
TABLE 3. ELECTRICAL PERFORMANCE CHARACTERISTICS
Device Characterized at: VSUPPLY = 15V, RLOAD = 2k, CLOAD = 50pF, AVCL = 1V/V, Unless Otherwise Specified. LIMITS PARAMETERS Differential Input Resistance Input Noise Voltage Density Input Noise Current Density Full Power Bandwidth Minimum Closed Loop Stable Gain Output Resistance Quiescent Power Consumption Channel Separation SYMBOL RIN EN IN FPBW CLSG ROUT PC CS CONDITIONS VCM = 0V RS = 20, fO = 1000Hz RS = 2M, fO = 1000Hz VPEAK = 10V RL = 2k, CL = 50pF Open Loop VOUT = 0V, IOUT = 0mA RS = 1k, AVCL = 100V/V, VIN = 100mVPEAK at 10kHz Referred to Input NOTES 1 1 1 1, 2 1 1 1, 3 1
o
TEMPERATURE +25oC +25oC +25oC +25oC -55oC to +125oC +25oC -55 C to +125 C +25oC
o
MIN 250 16 +1 60
MAX 6 3 360 180 -
UNITS k nV/Hz pA/Hz kHz V/V mW dB
NOTES: 1. Parameters listed in Table 3 are controlled via design or process parameters and are not directly tested at final production. These parameters are lab characterized upon initial design release, or upon design changes. These parameters are guaranteed by characterization based upon data from multiple production runs which reflect lot to lot and within lot variation. 2. Full Power Bandwidth guarantee based on Slew Rate measurement using FPBW = Slew Rate/(2VPEAK). 3. Quiescent Power Consumption based upon Quiescent Supply Current test maximum. (No load on outputs.).
TABLE 4. ELECTRICAL TEST REQUIREMENTS MIL-STD-883 TEST REQUIREMENTS Interim Electrical Parameters (Pre Burn-In) Final Electrical Test Parameters Group A Test Requirements Groups C and D Endpoints NOTE: 1. PDA applies to Subgroup 1 only. SUBGROUPS (SEE TABLES 1 AND 2) 1 1 (Note 1), 2, 3, 4, 5, 6 1, 2, 3, 4, 5, 6 1
Spec Number 112
511019-883
www..com
HA-5102/883
Die Characteristics
DIE DIMENSIONS: 98.4 x 67.3 x 19 mils 1 mils 2500 x 1710 x 483m 25.4m METALLIZATION: Type: Al, 1% Cu Thickness: 16kA 2kA GLASSIVATION: Type: Nitride (Si3N4) over Silox (SiO2, 5% Phos.) Silox Thickness: 12kA 2kA Nitride Thickness: 3.5kA 1.5kA WORST CASE CURRENT DENSITY: 1.43 x 105A/cm2 at 10mA SUBSTRATE POTENTIAL (Powered Up): Unbiased TRANSISTOR COUNT: 93 PROCESS: Bipolar Dielectric Isolation
Metallization Mask Layout
HA-5102/883
V+IN1 -IN1 OUT1
+IN2
-IN2
OUT2
V+
All Intersil U.S. products are manufactured, assembled and tested utilizing ISO9000 quality systems. Intersil Corporation's quality certifications can be viewed at www.intersil.com/design/quality
Intersil products are sold by description only. Intersil Corporation reserves the right to make changes in circuit design, software and/or specifications at any time without notice. Accordingly, the reader is cautioned to verify that data sheets are current before placing orders. Information furnished by Intersil is believed to be accurate and reliable. However, no responsibility is assumed by Intersil or its subsidiaries for its use; nor for any infringements of patents or other rights of third parties which may result from its use. No license is granted by implication or otherwise under any patent or patent rights of Intersil or its subsidiaries.
For information regarding Intersil Corporation and its products, see www.intersil.com Spec Number 113
511019-883


▲Up To Search▲   

 
Price & Availability of HA2-5102883

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X